PART |
Description |
Maker |
SMBJ78A-TP SMBJ78CA-TP SMBJ26CA-TP SMBJ170A-TP SMB |
TVS 600W 78V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 78V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 26V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 170V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 22V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 33V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 130V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 100V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Micro Commercial Components, Corp.
|
PRTR5V0U2F09 PRTR5V0U2K PRTR5V0U2F/T4 |
Ultra low capacitance double rail-to-rail ESD protection UNIDIRECTIONAL, SILICON, TVS DIODE UNIDIRECTIONAL, SILICON, TVS DIODE, MO-252
|
NXP Semiconductors N.V.
|
1N5629 JANTX1N5632A JANTXV1N5665A 1N5629A 1N5630 1 |
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-13 CAP .068UF 100V 20% CER AXIAL 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
LCE10A/70 CE16 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE DIODE 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, PLASTIC, CASE 1.5KE, 2 PIN, Transient Suppressor
|
VISHAY SEMICONDUCTORS
|
MMBZ15VAL MMBZ9V1AL MMBZ5V6AL10 MMBZ27VAL MMBZ6V2A |
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS TVS UNIDIRECT CA 40W 14.5V SOT23 40 W, UNIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE
|
Diodes Incorporated Diodes, Inc.
|
P6KE180CA P6KE20CA P6KE16CA P6KE24CA P6KE8V2CA P6K |
600W TRANSIENT VOLTAGE SUPPRESSOR 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-SSOP -40 to 85 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600W TRANSIENT VOLTAGE SUPPRESSOR 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 18-Bit D-Type Flip-Flops with 3-State Outputs 56-SSOP -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Fairchild Semiconductor DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc. Vishay Intertechnology, Inc.
|
STD5KB9.0 STD5KA8.0 STD5KB30 STD5KA40 STD5KA30 STD |
UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-5
|
Solid States Devices, Inc http:// SOLID STATE DEVICES INC Solid States Devices, I...
|
TGL41-6.807 TGL41-520 TGL41-68 TGL41-10 TGL41-100A |
400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB
|
Diotec Semiconductor AG
|
PLW0501H07 PLW0501H PLW0501H-T7 |
250 W, UNIDIRECTIONAL, SILICON, TVS DIODE STANDARD CAPACITANCE TVS COMPONENT
|
PROTEC[Protek Devices]
|
P4SMAJ20 P4SMAJ14A P4SMAJ14 P4SMAJ10 P4SMAJ P4SMAJ |
Unidirectional and bidirectional Transient Voltage Suppressor diodes 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC
|
Semikron International
|
PSOT08LC-LF-T13 PSOT08LC-LF-T7 PSOT15LC-LF-T13 PSO |
ULTRA LOW CAPACITANCE TVS ARRAY 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ProTek Devices
|
|